PART |
Description |
Maker |
DF20AA160 DF20AA120 |
DIODE(THREE PHASES BRIDGE TYPE)
|
SANREX[SanRex Corporation] N.A.
|
DF30DB40-80 DF30DB40 DF30DB80 |
THREE PHASE DIODE MODULES (BRIDGE) From old datasheet system (DF30DB40/80) DIODE(THREE PHASES BRIDGE TYPE)
|
SanRex Corporation
|
DF75BA80 DF75BA40 |
From old datasheet system (DF75BA40 / DF75BA80) DIODE(THREE PHASES BRIDGE TYPE)
|
SANREX[SanRex Corporation]
|
DF75LB160 DF75LB80 DF75LA_LB80-160 DF75LA160 DF75L |
DIODE(THREE PHASES BRIDGE TYPE) 二极管(三相桥型 From old datasheet system THREE PHASE DIODE MODULES DF-LA/LB SERIES
|
Sanrex, Corp. SANREX[SanRex Corporation]
|
MDS100 |
3-Phases Rectification Bridge Modules
|
Techsem
|
HFE356-3DT2-R HFE3548-3DT2-R HFE3524-3DT2-R HFE351 |
MINIATURE 3-PHASES RELAY
|
Hongfa Technology
|
UPC1246C |
PREDRIVER FOR 3-PHASES DC BRUSHLESS MOTOR
|
NEC Corp. NEC[NEC]
|
KBPC5000S KBPC5001S KBPC4000S KBPC4001S KBPC5010S |
16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 40/50A IN-LINE BRIDGE RECTIFIER 40,50A IN-LINE BRIDGE RECTIFIER Hex D-Type Flip-Flops With Clear 16-PDIP -40 to 85 40,50 A在在线桥式整流器
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
KBPC810 KBPC8005 KBPC801 KBPC802 KBPC804 KBPC806 K |
1000V Bridge in a D-72 package 50V Bridge in a D-72 package 100V Bridge in a D-72 package 200V Bridge in a D-72 package 400V Bridge in a D-72 package 600V Bridge in a D-72 package 800V Bridge in a D-72 package
|
International Rectifier
|
26MB40A 36MB80A 35AMB12026MB 25AMB12026MB 35AMB120 |
SINGLE PHASE BRIDGE 单相桥式 4-Pole Solid State Relay w/o Protection SCR 单相桥式 IC REG LDO 1.0A 1.8V TO-252 IC DAA LITELINK III FW RING DET 3.3V TUBED equipment to provide connection and isolation to/from the public telephone network 50V Bridge in a D-34A package SINGLEPHASEBRIDGE 100V Bridge in a D-34A package 1200V Bridge in a D-34A package 400V Bridge in a D-34A package 600V Bridge in a D-34A package 800V Bridge in a D-34A package 1000V Bridge in a D-34A package
|
International Rectifier, Corp. InternationalRectifier IRF[International Rectifier]
|